PART |
Description |
Maker |
AD5310 AD5310BRM AD5310BRT AD5310BRM-REEL AD5310BR |
2.5 V to 5.5 V/ 230uA/ Parallel Interface Dual Voltage-Output 8-/10-/12-Bit DACs 2.7 V to 5.5 V, 140 A, Rail-to-Rail Voltage Output 10-Bit DAC 2.7 V to 5.5 V, 140 uA, Rail-to-Rail Voltage Output 10-Bit DAC in a SOT-23 2.7 V to 5.5 V/ 140 uA/ Rail-to-Rail Voltage Output 10-Bit DAC in a SOT-23 Lithium Battery; Voltage Rating:3.6V; Battery Terminals:Connector SERIAL INPUT LOADING, 6 us SETTLING TIME, 10-BIT DAC, PDSO8 2.7 V to 5.5 V. 140 uA. Rail-to-Rail Voltage Output 10-Bit DAC in a SOT-23 2.7伏至5.540微安。轨至轨电压输出10位DAC采用SOT - 23 2.7 V to 5.5 V, 140 µA, Rail-to-Rail Voltage Output 10-Bit DAC 2.5 V to 5.5 V/ 115 uA/ Parallel Interface Single Voltage-Output 8-/10-/12-Bit DACs
|
ANALOG DEVICES INC AD[Analog Devices] Analog Devices, Inc.
|
MAX520/MAX521 |
Quad/Octal 2-Wire Serial 8-Bit DACs with Rail-to-Rail Outputs
|
Maxim Integrated Products, Inc.
|
LTC2655BCUF-H16TRPBF LTC2655BCUF-L16TRPBF |
Quad I2C 16-/12-Bit Rail-to-Rail DACs with 10ppm/°C Max Reference
|
Linear Technology
|
AD5324 |
2.5V to 5.5V,500μA, Quad Rail-to-Rail,Voltage Output 12-Bit DACs(满幅度电压输出四12位D/A转换
|
Analog Devices, Inc.
|
EM78P451SP EM78P451SAQ EM78P451SWM |
8-Bit Microcontroller with OTP ROM Quad, Serial, 8-Bit DACs with Rail-to-Rail Outputs
|
ELAN Microelctronics Corp .
|
PI74FCT163245CV PI74FCT163245AA PI74FCT163245AK PI |
14-Bit Rail-to-Rail DACs in 10-Lead DFN; Package: DFN; No of Pins: 10; Temperature Range: -40°C to 85°C 位总线收发 Quad 16-Bit Rail-to-Rail DACs with I2C Interface; Package: SSOP; No of Pins: 16; Temperature Range: -40°C to 85°C Dual 8-bit Bus Transceiver From old datasheet system BUS TRANSCEIVER,DUAL,8-BIT,FCT/PCT-CMOS,SSOP,48PIN,PLASTIC
|
3M Company Pericom Semiconductor Corp
|
MAX520 MAX520ACAP MAX520ACPE MAX520ACWE MAX520AEAP |
Quad/Octal, 2-Wire Serial 8-Bit DACs with Rail-to-Rail Outputs Quad/Octal 2-Wire Serial 8-Bit DACs with Rail-to-Rail Outputs
|
MAXIM - Dallas Semiconductor MAXIM[Maxim Integrated Products]
|
LTC2602 LTC2612CMS8 LTC2622CMS8 LTC2602CMS8 LTC260 |
18-Bit Universal Bus Driver With 3-State Outputs 56-SSOP -40 to 85 Dual 16-/14-/12-Bit Rail-to-Rail DACs in 8-Lead MSOP
|
Linear Technology Corporation
|
5962H9322604VXC 5962H9322604VXA 5962H9322604VZC 59 |
Low-Power, 13-Bit Voltage-Output DACs with Serial Interface Transceiver 5V, Low-Power, 8-Bit Quad DAC with Rail-to-Rail Output Buffers 收发
|
3M Company
|
LTC2657BCUFD-H16PBF LTC2657BCUFD-H16TRPBF LTC2657B |
Octal I2C 16-/12-Bit Rail-to-Rail DACs with 10ppm/°C Max Reference
|
Linear Technology
|
LTC2656CIUFD-L16TRPBF |
Octal 16-/12-Bit Rail-to-Rail DACs with 10ppm/°C Max Reference
|
Linear Technology
|